Part Number Hot Search : 
RU40P4H 18TQ035S STK4362 BCD25 LC66354V A2V25 KK4518BD ST2222
Product Description
Full Text Search
 

To Download 2SK3690-01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SK3690-01
N-CHANNEL SILICON POWER MOSFET
Outline Drawings (mm)
TO-220AB 200406
FUJI POWER MOSFET
Super FAP-G Series
Features
High speed switching No secondary breakdown Avalanche-proof Low on-resistance Low driving power
Applications
Switching regulators DC-DC converters UPS (Uninterruptible Power Supply)
Maximum ratings and characteristic
Absolute maximum ratings (Tc=25C unless otherwise specified)
Item Drain-source voltage Continuous Drain Current Pulsed Drain Current Gate-Source Voltage Maximum Avalanche current Non-Repetitive Maximum Avalanche Energy Repetitive Maximum Avalanche Energy Maximum Drain-Source dV/dt Peak Diode Recovery dV/dt Max. Power Dissipation Operating and Storage Temperature range Symbol VDS VDSX ID ID(puls] VGS IAR EAS EAR dVDS/dt dV/dt PD Tch Tstg Ratings 600 600 4.5 18 30 4.5 261.1 8 20 5 80 2.02 +150 -55 to +150 Unit V V A A V A mJ mJ Remarks VGS=-30V
Equivalent circuit schematic
Drain(D)
Gate(G)
Note *1 Note *2 Note *3
Source(S) Note *1:Tch < 150C,Repetitive and Non-repetitive = Note *2:StartingTch=25C,IAS=1.8A,L= 148mH, VCC=60V,RG=50 EAS limited by maximum channel temperature and Avalanche current. See to the `Avalanche Energy' graph Note *3:Repetitive rating:Pulse width limited by maximum channel temperature. See to the `Transient Thermal impedance' graph. < < < Note *4:IF = -ID, -di/dt = 50A/s,VCC= BVDSS,Tch=150C
kV/s VDS<600V = kV/s Note *4 Tc=25C W Ta=25C C C
Electrical characteristics (Tc =25C unless otherwise specified)
Item Drain-Source Breakdown Voltage Gate Threshold Voltage Zero Gate Voltage Drain Current Gate-Source Leakage Current Drain-Source On-State Resistance Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-On Time ton Turn-Off Time toff Total Gate Charge Gate-Source Charge Gate-Drain Charge Diode forward on-voltage Reverse recovery time Reverse recovery charge Symbol BVDSS VGS(th) IDSS IGSS RDS(on) gfs Ciss Coss Crss td(on) tr td(off) tf QG QGS QGD VSD trr Qrr Symbol Rth(ch-c) Rth(ch-a) Test Conditions ID= 250A VGS=0V ID= 250A VDS=VGS Tch=25C VDS=600V VGS=0V Tch=125C VDS=480V VGS=0V VGS=30V VDS=0V ID=2.25A VGS=10V ID=2.25A VDS=25V VDS=25V VGS=0V f=1MH VCC=300V ID=2.25A VGS=10V RGS=10 VCC=300V ID=4.5A VGS=10V IF=4.5A VGS=0V Tch=25C IF=4.5A VGS=0V -di/dt=100A/s Tch=25C Test Conditions channel to case channel to ambient
Min.
600 3.0
Typ.
Max.
5.0 25 250 100 2.3 600 90 5 27 6 45 7.5 23 8 4.5 1.50
Units
V V A A nA S pF
2.5
10 1.8 5 400 60 3 18 4 30 5 15 5.5 3 1.00 0.7 3.5
ns
nC
V s C
Thermal characteristics
Item Thermal resistance www.fujielectric.co.jp/fdt/scd
Min.
Typ.
Max.
1.563 62
Units
C/W C/W
1
2SK3690-01
Characteristics
Allowable Power Dissipation PD=f(Tc)
FUJI POWER MOSFET
90 80 70 60
Typical Output Characteristics ID=f(VDS):80 s pulse test,Tch=25 C 8
7
20V 10V 8V 6.5V
6
5 50
PD [W]
ID [A]
6.0V
4
40 3 30 2 20 10 0 0 25 50 75 100 125 150 1 VGS=5.5V
0 0 4 8 12 16 20 24
Tc [C]
VDS [V]
10
Typical Transfer Characteristic ID=f(VGS):80 s pulse test,VDS=25V,Tch=25C
Typical Transconductance gfs=f(ID):80 s pulse test,VDS=25V,Tch=25C 10
ID[A]
gfs [S]
1
1
0.1
0
1
2
3
4
5
6
7
8
9
10
0.1 0.1
1
10
VGS[V]
ID [A]
4.00 3.75 3.50
Typical Drain-Source on-state Resistance RDS(on)=f(ID):80 s pulse test,Tch=25C
VGS=5.5V 6.0V
6.0 5.5 5.0 4.5
Drain-Source On-state Resistance RDS(on)=f(Tch):ID=2.25A,VGS=10V
3.25
RDS(on) [ ]
4.0 3.00 2.75 2.50 2.25 1.5 2.00 1.0 1.75 1.50 0 1 2 3 4 5 6 7 8 9 0.5 0.0 -50 -25 0 25 50 75 100 125 150 6.5V 8V 10V 20V
RDS(on) [ ]
3.5 3.0 2.5 typ. 2.0 max.
ID [A]
Tch [C]
2
2SK3690-01
Gate Threshold Voltage vs. Tch VGS(th)=f(Tch):VDS=VGS,ID=250uA
FUJI POWER MOSFET
Typical Gate Charge Characteristics VGS=f(Qg):ID=4.5A,Tch=25C
14
7.0 6.5 6.0 5.5 5.0
12 Vcc= 120V max. 300V 10 480V 8
VGS(th) [V]
4.5 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0.0 -50 -25 0 25 50 75 100 125 150 0 0 5 2 4 min.
VGS [V]
6
10
15
20
25
Tch [C]
Qg [nC]
10
3
Typical Capacitance C=f(VDS):VGS=0V,f=1MHz
10
Typical Forward Characteristics of Reverse Diode IF=f(VSD):80 s pulse test,Tch=25C
Ciss
10
2
C [pF]
IF [A]
Coss
1
1
10
Crss 10
0
10
0
10
1
10
2
10
3
0.1 0.0
0.5
1.0
1.5
2.0
VDS [V]
VSD [V]
10
3
Typical Switching Characteristics vs. ID t=f(ID):Vcc=300V,VGS=10V,RG=10
300
Maximum Avalanche Energy vs. starting Tch E(AV)=f(starting Tch):Vcc=60V,I(AV)<=4.5A
IAS=1.8A
tf
250
10
2
td(off) 200 IAS=2.7A
EAV [mJ]
t [ns]
150
td(on)
10
1
IAS=4.5A 100
tr 50
10
0
0 10
-1
10
0
10
1
0
25
50
75
100
125
150
ID [A]
starting Tch [C]
3
2SK3690-01
FUJI POWER MOSFET
10
1
Maximum Avalanche Current Pulsewidth IAV=f(tAV):starting Tch=25C,Vcc=60V
Single Pulse
Avalanche Current I AV [A]
10
0
10
-1
10 -8 10
-2
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
tAV [sec]
10
1
Maximum Transient Thermal Impedance Zth(ch-c)=f(t):D=0
10
0
Zth(ch-c) [C/W]
10
-1
10
-2
10
-3
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
t [sec]
http://www.fujielectric.co.jp/fdt/scd/
4


▲Up To Search▲   

 
Price & Availability of 2SK3690-01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X